PART |
Description |
Maker |
MT3370BS1 MT3370/BN1 |
Wide Dynamic Range DTMF Receiver SWITCH, SPDT, CTR OFF LOCKING; Thread size:1/4 x 40UNS; Switch function type:SPDT On-Off-On; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, RoHS Compliant: Yes
|
Zarlink Semiconductor Inc.
|
M-FIAM3MS3 M-FIAM3 M-FIAM3H11 M-FIAM3H12 M-FIAM3H1 |
Military 270Vin Filter Input Attenuator Module 军事270Vin滤波器输入衰减模 Crimp Socket Contact; Contact Material:Brass; Contact Termination:Crimp
|
Vicor, Corp. VICOR[Vicor Corporation]
|
M393T5750BY0-CD5/CC M393T2950BZ0-CD5/CC M393T2953B |
100 x 64 pixel format, TAB display SWITCH, DPDT, CTR OFF LOCKING; Thread size:1/4 x 40UNS; Switch function type:DPDT Centre Off; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, RoHS Compliant: Yes SWITCH, SPDT, CTR OFF; Thread size:1/4 x 40UNS; Switch function type:SPDT On-Off-Mom; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, contact:10mR; RoHS Compliant: Yes TVS BIDIRECT 1500W 16V SMC DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
FW1309G00 SF5302Y00 SF5309G00 SF5309W00 SF5A5120J0 |
RF RELAY, DPDT, MOMENTARY, 0.039A (COIL), 26.5VDC (COIL), 1040mW (COIL), 3A (CONTACT), 28VDC (CONTACT), 1000MHz, PANEL MOUNT RF RELAY, DPDT, MOMENTARY, 0.004A (COIL), 40VDC (COIL), 160mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT-THREADED RF RELAY, DPDT, MOMENTARY, 0.011A (COIL), 16.5VDC (COIL), 182mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT RF RELAY, DPDT, MOMENTARY, 0.005A (COIL), 26.5VDC (COIL), 140mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT RF RELAY, DPDT, MOMENTARY, 0.01A (COIL), 26.5VDC (COIL), 281mW (COIL), 5A (CONTACT), 28VDC (CONTACT), PANEL MOUNT RF RELAY, DPDT, MOMENTARY, 0.008A (COIL), 40VDC (COIL), 320mW (COIL), 5A (CONTACT), 28VDC (CONTACT), PANEL MOUNT
|
|
MSC23436B-XXDS10 MSC23436B MSC23436B-XXBS10 MSC234 |
4,194,304 Word By 36-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE SWITCH, SPDT, CTR OFF; Thread size:1/4 x 40UNS; Switch function type:SPDT On-Off-On; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:6A; Material, contact:Silver; Resistance, contact:10mR; RoHS Compliant: Yes Toggle Switch; Circuitry:SPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Solder Lug; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:Panel; Features:Standard Actuator RoHS Compliant: Yes SSR AS 230V 100A 0-10V
|
OKI electronic components OKI[OKI electronic componets] OKI SEMICONDUCTOR CO., LTD.
|
TX2-12V TX2SL-4.5V-Z-1 TX2SS-L2-1.5V-Z-1 TX2SL-L-3 |
POWER/SIGNAL RELAY, DPDT, LATCHED, 0.033A (COIL), 3VDC (COIL), 100mW (COIL), 1A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT High Capacity High Breakdown Voltage, 2 Form C, 2A 30VDC, PC Board Terminal Type, Gold Contact POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.031A (COIL), 4.5VDC (COIL), 140mW (COIL), 1A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, LATCHED, 0.134A (COIL), 1.5VDC (COIL), 200mW (COIL), 1A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT
|
Panasonic
|
HLMP-C027-P0000 HLMP-C608-R00DD HLMP-C025-P0002 HL |
0.5mm contact spacing, 1.0mm height, Top contact, Back flip FPC/FFC connectors; HRS No: 580-1225-5 50; Contact Mating Area Plating: Gold T-1 3/4 (5 mm) AlInGaP Lamp 的T 1 3 / 45毫米)的AlInGaP T-13/4 (5mm) AlInGaP Lamp 的T 13 / 4mm)的铝铟镓磷化物
|
Taiwan Semiconductor Co., Ltd. Avago Technologies, Ltd.
|
TQ2L25V TQ2SL-4.5V TQ2SA-12V TQ2SA-L-12V TQ2-2M-24 |
Leading the market, our 5 mm 2-pole surface mount relays comply with JIS C0806 POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.031A (COIL), 4.5VDC (COIL), 140mW (COIL), 2A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.012A (COIL), 12VDC (COIL), 140mW (COIL), 2A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, LATCHED, 0.006A (COIL), 12VDC (COIL), 70mW (COIL), 2A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.008A (COIL), 24VDC (COIL), 200mW (COIL), 1A (CONTACT), 110VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.017A (COIL), 12VDC (COIL), 200mW (COIL), 1A (CONTACT), 110VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, LATCHED, 0.094A (COIL), 1.5VDC (COIL), 140mW (COIL), 2A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, LATCHED, 0.033A (COIL), 3VDC (COIL), 100mW (COIL), 1A (CONTACT), 110VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, 4PDT, LATCHED, 0.067A (COIL), 3VDC (COIL), 200mW (COIL), 1A (CONTACT), 110VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, LATCHED, 0.023A (COIL), 3VDC (COIL), 70mW (COIL), 2A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT
|
Panasonic Semiconductor
|
WOVT-3575A WOVT-1525A WOVT-3115A |
POWER/SIGNAL RELAY, DPST, MOMENTARY, 5A (CONTACT), 28VDC (CONTACT), PANEL MOUNT
|
Crydom, Inc.
|
RED3600 RED360 RED300 RED3000 RED RED6 RED600 RED1 |
AC LINE FREQUENCY DIVIDERS CRIMP PIN, SURE SEAL, PK100; Connector type:Contact, Crimp; Gender:Pin; Termination method:Crimp; Material, contact:Copper alloy; Plating, contact
|
LSI[LSI Computer Systems] LSI Corporation
|
C6700-1000 |
OFF-DELAY RELAY, DPDT, MOMENTARY, 31VDC (COIL), 2A (CONTACT), 28VDC (CONTACT), 0.1s, PANEL MOUNT
|
HI-G ITALIA SRL
|
BR15W-ACA2-115V |
POWER/SIGNAL RELAY, 4PDT, MOMENTARY, 7.5A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
BABCOCK INC
|
|